Part Number Hot Search : 
KF9N25F LA76818 UA798HC MA126 BYP25K3 2721K26 MC68B21S 35005
Product Description
Full Text Search
 

To Download UKL1V101KPDANA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitors kl series low leakage current standard low leakage current series. compliant to the rohs directive (2011/65/eu). radial lead type specifications category temperature range rated voltage range rated capacitance range capacitance tolerance leakage current tangent of loss angle (tan ) stability at low temperature endurance performance characteristics item 40 to +85c ( 40 to +105 c product is also available upon request, but product rated at up to 50v less than or equal to 10 12.5 lmm) 6.3 to 100v 0.1 to 10000f 20% (m), 10% (k) at 120hz 20 c after 1 minute's (for case size 10 12.5 or smaller) or 2 minutes' (for case size 10 16 or larger) application of rated voltage, leakage current is not more than 0.002cv or 0.2 (a) whichever is greater. 120hz, 20 c 120hz values in ( ) applicable to 10 16 or larger case size. capacitance change leakage current the specifications listed at right shall be met when the capacitors are restored to 20c after the rated voltage is applied for 2000 hours at 85 c, or 1000 hours at 105 c. shelf life after storing the capacitors under no load at 85 ? c for 1000 hours and then performing voltage treatment based on jis c 5101-4 clause 4.1 at 20 c, they shall meet the specified values for the endurance characteristics listed above. marking printed with white color letter on black sleeve. tan within 15% of the initial capacitance value (6.3v : within 20%) less than or equal to the initial specified value 150% or less than the initial specified value type numbering system (example : 10v 47 f) kl vr z 25 c / z+20 c z 40 c / z+20 c rated voltage (v) impedance ratio zt / z20 (max.) 6.3 3 (4) 5 (8) 10 2 (3) 4 (6) 16 2 3 (4) 25 1.5 2 (4) 35 1.5 2 (3) 50 1.5 2 (3) 63 1.5 2 (3) 100 1.5 2 (3) u 1 k 2 l 3 1 4 a 5 4 6 7 7 0 8 m 9 d 10 d 11 configuration capacitance tolerance (m : 20%, k : 10%) rated capacitance (47f) rated voltage (10v) series name type a 12 n 13 a 14 in case 105c unit is required d 5 pb-free leadwire pb-free pet sleeve dd 6.3 ed 8 10 pd 12.5 to 18 hd configuration 2 2 1 1 pressure relief vent d p 5 2.0 6.3 2.5 8 3.5 10 5.0 12.5 5.0 16 7.5 18 7.5 d 0.5 0.5 0.6 0.6 0.6 0.8 0.8 (10 12.5 or smaller) 1.0 ( 10 16 or or greater) 1.5 l + max. (6.3up ) 15 min 4 min d d + 0.5max. (mm) sleeve ( p. e . t. ) p 0.5 dimension table in next page. for capacitance of more than 1000f, add 0.02 for every increase of 1000f. less than 10 12.5 10 16 or more rated voltage (v) tan (max.) 6.3 0.18 0.21 10 0.15 0.17 16 0.12 0.14 25 0.08 0.12 35 0.08 0.12 50 0.08 0.10 63 0.07 0.08 100 0.07 0.08 low leakage current please refer to page 20, 21, 22 about the formed or taped product spec. please refer to page 4 for the minimum order quantity. frequency coefficient of rated ripple current frequency cap.(f) 0.1 to 68 100 to 680 1000 to 10000 50hz 0.75 0.80 0.85 120hz 1.00 1.00 1.00 300hz 1.35 1.23 1.10 1khz 1.57 1.34 1.13 10khz or more 2.00 1.50 1.15 please refer to page 20 about the end seal configuration. cat.8100c
kl series aluminum electrolytic capacitors dimensions v code cap.(f) rated ripple current (marms) at 85 c 120hz rated ripple current (marms) of 105 c product : 70 percent value of rated ripple of 85 c product at 105c 120hz 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 3300 4700 6800 10000 6.3 0j 10 12.5 10 16 10 20 12.5 25 12.5 25 16 25 16 31.5 18 35.5 18 40 390 480 650 910 1060 1270 1500 1760 1900 10 1a 5 11 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 10 16 10 20 12.5 20 12.5 25 16 25 16 31.5 16 35.5 18 35.5 110 150 180 250 310 400 530 600 810 1020 1200 1420 1650 1890 16 1c 5 11 5 11 5 11 5 11 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 10 16 10 20 12.5 20 12.5 25 16 25 16 25 16 35.5 18 35.5 55 70 85 100 140 160 230 280 370 420 550 730 910 1150 1300 1550 1820 25 1e 5 11 5 11 5 11 5 11 5 11 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 10 16 10 20 12.5 20 12.5 25 16 25 16 31.5 16 35.5 18 40 45 55 70 85 100 140 170 230 280 370 400 490 660 810 1010 1270 1440 1720 4r7 6r8 100 150 220 330 470 680 101 151 221 331 471 681 102 152 222 332 472 682 103 v code cap.(f) 0.1 0.15 0.22 0.33 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 680 1000 1500 2200 35 1v 5 11 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 10 16 10 20 12.5 20 12.5 25 16 25 16 25 16 35.5 18 35.5 85 110 140 190 230 300 400 440 550 680 840 1100 1390 1580 50 1h 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 10 16 10 20 12.5 20 12.5 20 16 25 16 25 16 31.5 18 40 1.1 1.6 2.3 3.5 5.0 7.3 10.7 16 23 40 45 55 70 95 110 165 190 250 320 420 490 600 760 910 1140 1480 63 1j 5 11 6.3 11 6.3 11 8 11.5 8 11.5 10 12.5 10 16 10 20 12.5 20 12.5 20 12.5 25 16 25 16 31.5 18 35.5 59 75 100 115 170 200 270 330 450 550 710 850 1050 1330 100 2a 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 5 11 6.3 11 8 11.5 8 11.5 10 12.5 10 16 10 20 10 20 12.5 20 12.5 25 16 25 16 31.5 18 35.5 case size d l (mm) 2.1 3.2 4.7 7.0 10.1 14.5 19 23 28 45 50 65 90 110 136 180 220 290 370 470 580 730 910 rated ripple 0r1 r15 r22 r33 r47 r68 010 1r5 2r2 3r3 4r7 6r8 100 150 220 330 470 680 101 151 221 331 471 681 102 152 222 cat.8100c
mouser electronics authorized distributor click to view pricing, inventory, delivery & lifecycle information: nichicon: ? ukl0j332khd? ukl0j332mhd? ukl0j102mpd? ukl0j103khd? ukl0j103mhd? ukl0j102kpd? ukl0j471kpd? ukl0j471mpd? ukl0j472khd? ukl1a101ked1td? ukl1a101kedana? ukl1a101medana? ukl1a221kpdana? ukl1a221mpd? ukl1a221mpd1aa? ukl1a221mpd1td? ukl1a221mpdana? ukl1a470kddanatd? ukl1a470mddana? ukl1a681mpd? ukl1a682khd? ukl1a682mhd? ukl0j152khd? ukl0j152mhd? ukl0j222khd? ukl0j222mhd? ukl0j682khd? ukl0j682mhd? ukl1a152khd? ukl1a152mhd? ukl1a332mhd? ukl1a470kddana? ukl0j472mhd? ukl0j681kpd? ukl0j681mpd? ukl1a151kpdana? ukl1a151mpdana? ukl1a331kpdana? ukl1a331mpdana? ukl1a332khd? ukl1a680kedana? ukl1a102khd? ukl1a102mhd? ukl1a222khd? ukl1a222mhd? ukl1a471kpd? ukl1a471mpd? ukl1a472khd? ukl1a472mhd? ukl1c100kdd1td? ukl1c100kddana? ukl1c100mdd1ta? ukl1c102mhd? ukl1c150kddana? ukl1c220kddana? ukl1c220kddanata? ukl1c330mddana? ukl1c472mhd? ukl1c680kedana? ukl1a680medana? ukl1a681kpd? ukl1c101mpdana? ukl1c102khd? ukl1c152khd? ukl1c152mhd? ukl1c330kddana? ukl1c100mddana? ukl1c100mddanatd? ukl1c101kpdana? ukl1c151kpdana? ukl1c151mpdana? ukl1c221mpd1td? ukl1c221mpdana? ukl1c222khd? ukl1c222mhd? ukl1c222mhd1aa ? ukl1c470kedana? ukl1c470medana? ukl1c150mddana? ukl1c220mdd1ta? ukl1c220mddana? ukl1c221kpdana? ukl1c332khd? ukl1c332mhd? ukl1c680medana? ukl1c681khd? ukl1e101kpdana? ukl1e101kpdanata? ukl1e101mpd1ta? ukl1e101mpdana? ukl1e151mpdana? ukl1e152khd? ukl1e152mhd? ukl1e330kedana? ukl1e330medana? ukl1e330medanata? ukl1e330medanatd? ukl1e471mhd? ukl1e4r7kdd? ukl1e4r7kddana


▲Up To Search▲   

 
Price & Availability of UKL1V101KPDANA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X